Part Number Hot Search : 
NTE134 32M16 100LR R7014003 PCA1550A MV2105 APTGF 48VDC
Product Description
Full Text Search
 

To Download BRM-1420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1420
INFRARED RECEIVER MODULE
Description
1. The BRM-1420 is miniaturized infrared receiver for remote control and other applications requiring improved ambient light rejection. 2. The separate PIN diode and preamplifier IC are assembled on a single lead frame. 3. The epoxy package contains a special IR filter. 4. This module has excellent performance even in
7.98(.314) 7.06(.279) 4.5(.177) 7.4(.291) 3.7(.146) 4.65(.183) 3.45
Package Dimensions:
disturbed ambient light applications and provides protection against uncontrolled output pulses.
Features
1. 2. 3. 4. 5. 6. 7. Photo detector and preamplifier in one package . Internal filter for PCM frequency. High immunity against ambient light. Improved shielding against electric field disturbance. 3.0V or 5.0V supply voltage; low power consumption. TTL and CMOS compatibility. Suitable transmission code: NEC code,RC5 code.
2.54 2.54 2.5(.098) 0.50(.02) 0.4(.016)
8. This product doesn't contain restriction substance, comply ROHS standard Applications:
1. It can be used for TVsVTRsaudio equipment air conditioners car stereo radiotoys home computers and all other equipment requiring remote control. NOTES:
1.All dimensions are in millimeters (inches). 2.Tolerance is 0.10mm (0.004'') unless otherwise specified. 3.Specifications are subject to change without notice.
BLOCK DIAGRAM
5.42(.213)
Vcc Vout B.P.F PD ABLC
Demodulator
Preamp
Amp
Limiter
Integrator
Comparator GND
Ver.2.0 Page 1 of 5
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1420
Absolute Maximum Ratings(Ta=25)
Parameter
Supply Voltage Operating Temperature Storage Temperature Soldering Temperature
Symbol
Vcc Topr Tstg Tsol
Ratings
2.7~5.5 -30~+65 -40~+85 260
Unit
V
Notice
-- -- -- 4mm from mold body less than 5 sec
Electrical And Optical Characteristics(Ta=25)
Parameter
Supply Voltage Supply Current
Symbol
Vcc Icc
Condition
DC voltage No signal input At the ray axis
Min.
2.7 -- 12 6 -- -- --
Ratings Typ. Max.
-- -- -- -- 36.7 940 45 5.5 1.5 --
Unit
V mA
Reception Distance B.P.F Center Frequency Peak Wavelength Half Angle
L In the range of 45cone fo p -- -- -- Specified by the output TH period within a range from 10cm to the arrival distance (average value of 50 pulses) Specified by the output TL period within a range from 10cm to the arrival distance (average value of 50 pulses) 10cm over the ray axis 10cm over the ray axis -- -- -- --
m KHz nm deg
High Level Pulse Width
TH
400
--
800
S
Low Level Pulse Width
TL VH VL
400
--
800
S V V
High Level Output Voltage Low Level Output Voltage
4.5 --
-- --
-- 0.5
Ver.2.0 Page 2 of 5
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1420
Application Circuit
47 Infrared Emitting Diode IRM Vcc Out GND 47uF >10k uC
GND +5V
Fig.1 Transmitter Wave Form Transmitter Output D.U.T Output Pulse VH TL TH VL
600us 600us
Fig.2 Measuring Method Measuring Method
20cm >10k 5.0 0.1V
Fig.3 Measuring System
+ 10uF
Standard Transmitter Standard Transmitter

Vcc
D.U.T
GND
Vout
100k
Vout
Oscilloscope
Vout Oscilloscope
Ver.2.0 Page 3 of 5
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1420
Electrical And Optical Curves(Ta=25)
Fig.5 Relative Transmission Distance vs. Direction
0 10 20 30 1.0
Fig.4 Relative Spectral Sensitivity vs.
(%) 1.2
Wavelength
Relative Responsitibity
0.8
1.0
40
0.6
0.9 0.8
50 60 70
0.4
0.2
0.7
80 90
0 750
850
950
1050
1150 (nm)
0.5
0.3
0.1
0.2
0.4
0.6
Wavelength
Relative Transmission Distance
(mS) 1.0
Fig.6 Output Pulse Diagram
(mA) 2.0 1.8
Fig.7 Supply Current vs. Ambient Temperature
0.8
on
1.6 1.4
Ton ,Toff -Output Pulse Length
Supply Current
10000 (mW/cm )
2
0.6
off
1.2 1.0 0.8 0.6 0.4
0.4
0.2
=950nm,Optical Test Signal,Fig.8
0.2 0.0 0.1 0.0 -30 0 30 60 1 10 100 1000 90 ( C)
Irradiance
Ambient Temperature
Fig.8 Frequency Dependence of Responsivity
1.0 (m) 20
Fig.9 Arrival Distance Vs. Ambient Temperature
0.8
16
Transmission Distance
0
0.6
12
Rel. Responsitivity
0.4
8
0.2
0
4
0.0 0.7
0 0.8 0.9 1.0 1.1 1.2 1.3
-40
-20
0
20
40
60
80
100 ( C)
Relative Frequency
Ambient Temperature
Ver.2.0 Page 4of 5
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BRM-1420
Packaging Box Dimensions
Packaging Bag Dimensions
Notes:
1250pcs per bag, 3Kpcs per box. 2All dimensions are in millimeters(inches). 3Specifications are subject to change without notice.
Ver.2.0 Page 5of 5


▲Up To Search▲   

 
Price & Availability of BRM-1420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X